Part Number Hot Search : 
CJ110 IR2114 MAH36003 BA6124 TDA7502 P40NF 1SMA5924 ADG604
Product Description
Full Text Search
 

To Download APE30006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VDE
Pending
THE SLIM POWER RELAY
PE-RELAYS
Insulation complying to following standards: EN 60255 General specification for electrical relays EN 60335 For use in house-hold appliances EN 60730 For use in temperature sensing appliances EN 60950 For use in electrical business equipment EN 60065 For use in entertainment electronics (radio, HiFi-sets) EN 50178 For use in industrial range
FEATURES
5 .197 28 1.102 15 .591
* Slim size 28 mm (L)x5 mm (W)x15 mm (H) 1.102 inch (L)x.197 inch (W)x.591 inch (H) permits high density mounting * Wide switching capacity: 100 mA/12 V DC-6A/250 V AC * High sensitivity: 170mW * High breakdown (4,000 V) and surge (6,000 V) voltage between contacts and coil * Clearance/creepage distance: 8/8 mm * 1 Form A/1 Form C contact.
SPECIFICATIONS
Contacts
Arrangement Contact material Initial contact resistance, max. (By voltage drop 6 V DC 1 A) Nominal switching capacity Rating (resis- Maximum switching power tive) Maximum switching voltage Max. switching current Expected life Mechanical (at 180 cpm) (min.operaElectrical (at 6 cpm) tions) (at rated load) 1 Form A, 1 Form C Au-plated Silver alloy silver alloy 100 m 30 m
Characteristics
Initial insulation resistance*1 Between open contacts Initial breakdown voltage*2 Between contacts and coil Surge voltage between contacts and coil*3 Operate time*4 (at nominal voltage) Release time (without diode)*4 (at nominal voltage) Temperature rise Min. 1,000 M at 500 V DC 1,000 Vrms 4,000 Vrms Min. 6,000 V (Initial) Max. 8 ms (approx. 5 ms) Max. 4 ms (approx. 2.5 ms) Max. 30C with nominal coil voltage across coil and at nominal switching capacity 1 Form C: Min. 49 m/s2{5 G} 1 Form A: Min. 98 m/s2{10 G} Min. 980 m/s2 {100 G} 10 to 55 Hz at double amplitude of 1.0 mm/6 G 10 to 55 Hz at double amplitude of 1.5 mm/9 G -40C to +85C -40F to +185F 5 to 85%R.H. Approx. 4 g .14 oz
6 A 250 V AC 1,500 VA 400 V AC/300 V DC 6 A (AC) 5x106 N.O.: 5x104 N.C.: 3x104 170 mW (4.5 to 24 V DC) 217 mW (48 V DC)
Coil (at 25C 77F, 50% R.H.)
Nominal operating power Remarks
* Specifications will vary with foreign standards certification ratings. *1 Measurement at same location as "Intial breakdown voltage" section *2 Detection current: 10mA *3 Wave is standard shock voltage of 1.2x50s according to JEC-212-1981 *4 Excluding contact bounce time *5 Half-wave pulse of sine wave: 50ms; detection time: 10s *6 Half-wave pulse of sine wave: 11ms *7 Detection time: 10s *8 Refer to 5. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT (Page 61).
Shock resistance
Functional*5 Destructive*6 Functional*7
Vibration resistance Destructive
Conditions for operation, Ambient transport and storage*8 temp. (Not freezing and condensHumidity ing at low temperature)
Unit weight
TYPICAL APPLICATIONS
* Interface relays for programmable controllers * Output relays for measuring equipment, timers, counters and temperature controllers * Industrial equipment, office equipment * House-hold appliances for Europe
ORDERING INFORMATION
Ex. APE 0
Contact arrangement 1: 1 Form A 3: 1 Form C
Contact type 0: Single contact
Contact material 0: Silver alloy 1: Au-plated silver alloy
Coil voltage (DC) 4H: 4.5 V 18: 18 V 06: 6 V 24: 24 V 12: 12 V 48: 48 V
(Notes) 1. Standard packing: Tube: 20 pcs.; Case: 1,000 pcs. 2. 5 V, 60 V type is also available. 3. 1 Form B is also available.
211
PE
TYPES AND COIL DATA (at 20C 68F)
Part No. APE1004H APE10006 APE10012 APE10018 APE10024 APE10048 APE1014H APE10106 APE10112 APE10118 APE10124 APE10148 APE3004H APE30006 APE30012 APE30018 APE30024 APE30048 APE3014H APE30106 APE30112 APE30118 APE30124 APE30148 Contact arrangement Nominal voltage, V DC 4.5 6 12 18 24 48 4.5 6 12 18 24 48 4.5 6 12 18 24 48 4.5 6 12 18 24 48 Pick-up voltage, (Initial) V DC (max.) 2.97 3.96 7.92 11.88 15.84 31.68 2.97 3.96 7.92 11.88 15.84 31.68 2.97 3.96 7.92 11.88 15.84 31.68 2.97 3.96 7.92 11.88 15.84 31.68 Drop-out voltage, (Initial) V DC (min.) 0.225 0.3 0.6 0.9 1.2 2.4 0.225 0.3 0.6 0.9 1.2 2.4 0.225 0.3 0.6 0.9 1.2 2.4 0.225 0.3 0.6 0.9 1.2 2.4 Nominal operating current, mA (10%) 38 28 14 9 7 5 38 28 14 9 7 5 38 28 14 9 7 5 38 28 14 9 7 5 Nominal operating power, mW Coil resistance, (10%) 119 212 847 1,906 3,388 10,618 119 212 847 1,906 3,388 10,618 119 212 847 1,906 3,388 10,618 119 212 847 1,906 3,388 10,618 Max. allowable voltage, V DC 5.4 7.2 14.4 21.6 28.8 57.6 5.4 7.2 14.4 21.6 28.8 57.6 5.4 7.2 14.4 21.6 28.8 57.6 5.4 7.2 14.4 21.6 28.8 57.6 mm inch PC board pattern (Bottom view)
2-1 . 2-.0 0 dia. 39 dia .
2-1 . 2-. 3 dia 05 . 1d ia.
1 Form A (without Auplated)
170
217
1 Form A (with Au-plated)
170
217
1 Form C (without Auplated)
170
217
1 Form C (with Au-plated)
170
217
DIMENSIONS
1. 1 Form A type
15.0max. .591max. 0.5 .020 0.3 +0.2 -0.1 .012 +.008 -.004 1.2 .047 3.5 .138 2-0.5 2-.020 3.78 .149 21.42 .843 28.0max. 1.102max. 5.04 .198 2-1.0 2-.039 1.9 .075 0.4 +0.2 -0.1 .016 +.008 -.004 1.2 .047 5.0max. .197max. 3.78 .149
1.2 .047
21.42 .843
5.04 .198
1.9 .075
Tolerance: 0.1 .004 Schematic (Bottom view)
Coil COM NO
General tolerance: 0.3 .012
2. 1 Form C type
PC board pattern (Bottom view)
2-1 . 2-.0 0 dia. 39 dia .
3-1 . 3-. 3 dia 05 . 1d ia.
15.0max. .591max. 0.5 .020 0.3 +0.2 -0.1 .012 +.008 -.004 1.2 .047 3.5 .138 2-0.5 2-.020 3.78 .149 21.42 5.04 5.04 .843 .198 .198 28.0max. 1.102max. 3-1.0 3-.039 1.9 .075 0.4 +0.2 -0.1 .016 +.008 -.004 1.2 .047 5.0max. .197max. 3.78 .149
1.2 .047
5.04 5.04 .198 .198 21.42 .843
1.9 .075
Tolerance: 0.1 .004 Schematic (Bottom view)
Coil NC COM NO
General tolerance: 0.3 .012
212
PE
REFERENCE DATA
1. Max. switching capacity 2. Coil temperature rise
Sample: APE30012 Measured portion: Inside the coil Ambient temperature: 28C 82F
10 6 5 4 3 2 1 0.5 0.4 0.3 0.2 90 80 Temperature rise, C 70 60 50 40 30 20 10 10 20 30 50 100 Contact voltage, V 300 0 100 110 120 130 Coil applied voltage, %V -40 -20 0 -10 -20 -30 -40 20 6A 0A
3. Ambient temperature characteristics
Sample: APE30012 No. of samples: n = 6
40 30 20 10 40 60 85 Drop-out voltage Pick-up voltage
Contact current, A
Rate of change, %
Ambient temperature, C
NOTES
Rating
Standard File No. UL E43149 VDE Rating 6 A 277 V AC 6 A 250 V AC (cos = 1) 122402UG 1 A 250 V AC (cos = 0.4) 6 A 250 V AC CH-99.1 10483.2A1 (cos = 1)
SEV
For Cautions for Use, see Relay Technical Information (Page 48 to 76).
9/1/2000
All Rights Reserved, (c) Copyright Matsushita Electric Works, 213 Ltd.
Go To Online Catalog


▲Up To Search▲   

 
Price & Availability of APE30006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X